Part Number Hot Search : 
JANTX ZXMN4A06 AN171 P1602AAL MIC2941A RT9201 C2502 68K100
Product Description
Full Text Search
 

To Download VS-GBPC3512W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-gbpc.. series www.vishay.com vishay semiconductors revision: 08-apr-14 1 document number: 93575 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 single phase bridge (power modules), 25 a/35 a features ? universal, 3 way terminals: push-on, wrap around or solder ? high thermal conductivity package, electrically insulated case ? positive polarity symbol molded on the plastic case ? center hole fixing ? glass passivated diode chips ? excellent power/volume ratio ? nickel plated terminals sold erable using lead (pb)-free solder; solder alloy sn/ag/cu (sac305); solder temperature 260 c to 275 c ? wire lead version available ? ul e300359 approved ? designed and qualified for in dustrial and consumer level ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 description/applications a range of extremely compact, encapsulated single phase bridge rectifiers offering efficient and reliable operation. they are intended for use in general purpose and instrumentation applications. electrical specifications note (1) see ordering information table at the end of datasheet product summary i o 25 a to 35 a v rrm 200 v to 1200 v package gbpc..a, gbpc..w circuit single phase bridge gbpc...a gbpc...w major ratings and characteristics symbol characteristics values gbpc25 values gbpc35 units i o 25 35 a t c 60 55 c i fsm 50 hz 400 475 a 60 hz 420 500 i 2 t 50 hz 790 1130 a 2 s 60 hz 725 1030 v rrm range 200 to 1200 v t j -55 to 150 c voltage ratings type number voltage code v rrm , maximum repetitive peak ac reverse voltage t j = t j maximum v v rsm , maximum non-repetitive peak ac reverse voltage t j = t j maximum v i rrm maximum at rated v rrm t j = t j maximum ma i rrm maximum dc reverse current at t j = 125 c a vs-gbpc25/35..a (1) ? vs-gbpc25/35..w 02 200 275 2 500 04 400 500 06 600 725 08 800 900 10 1000 1100 12 1200 1300
vs-gbpc.. series www.vishay.com vishay semiconductors revision: 08-apr-14 2 document number: 93575 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - current ratings characteristics fig. 2 - forward voltage drop characteristics forward conduction parameter symbol test conditions values gbpc25 values gbpc35 units maximum dc output current ? at case temperature i o resistive or inductive load 25 35 a capacitive load 20 28 60 55 c maximum peak, one-cycle ? non-repetitive forward current i fsm t = 10 ms no voltage ? reapplied initial t j = t j maximum 400 475 a t = 8.3 ms 420 500 t = 10 ms 100 % v rrm ? reapplied 335 400 t = 8.3 ms 350 420 maximum i 2 t for fusing i 2 t t = 10 ms no voltage ? reapplied 790 1130 a 2 s t = 8.3 ms 725 1030 t = 10 ms 100 % v rrm ? reapplied 560 800 t = 8.3 ms 512 730 maximum i 2 ? t for fusing i 2 ? ti 2 t for time t x = i 2 ? t x ? t x ; 0.1 ? t x ? 10 ms, v rrm = 0 v 7.9 11.3 ka 2 ? s low level of threshold voltage v f(to)1 (16.7 % x ? x i f(av) < i < ? x i f(av) ), t j maximum 0.76 0.77 v high level of threshold voltage v f(to)2 (i > ? x i f(av) ), t j maximum 0.89 0.92 low level forward slope resistance r t1 (16.7 % x ? x i f(av) < i < ? x i f(av) ), t j maximum 8.2 4.852 m ? high level forward slope resistance r t2 (i > ? x i f(av) ), t j maximum 6.8 3.867 maximum forward voltage drop v fm t j = 25 c, i fm = i favg (arm) 1.1 1.1 v maximum dc reverse current i rrm t j = 25 c, per diode at v rrm 5.0 a rms isolation voltage base plate v ins f = 50 hz, t = 1 s 2700 v thermal and mechanical specifications parameter symbol test conditions values gbpc25 values gbpc35 units junction and storage temperature range t j , t stg -55 to 150 c maximum thermal resistance, ? junction to case per bridge r thjc dc operation 1.7 1.4 k/w maximuml thermal resistance, ? case to heatsink r thcs mounting surface, smooth, flat and greased 0.2 approximate weight 16 g mounting torque 10 % bridge to heatsink 2.0 n m (lbf in) maximum allowable case temperature (c) average forward current (a) 50 60 70 80 90 100 110 120 130 140 150 0 5 10 15 20 25 30 180 (sine) 180 (rect) gbpc25.. series instantaneous forward voltage (v) instantaneous forward current (a) 1 10 100 1000 0.5 1 1.5 2 2.5 t = 25 c j t = 150 c j gbpc25.. series
vs-gbpc.. series www.vishay.com vishay semiconductors revision: 08-apr-14 3 document number: 93575 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - total power loss characteristics fig. 4 - maximum non-re petitive surge current fig. 5 - maximum non-re petitive surge current fig. 6 - current ra tings characteristics fig. 7 - forward voltage drop characteristics average forward current (a) maximum allowable ambient temperature c maximum average forward power loss (w) 25 50 75 100 3 k/w 1 k/w r = 0.7 k/w - delta r thsa 2 k/w 0 10 20 30 40 50 0 5 10 15 20 25 180 (sine) 180 (rect) gbpc25.. series t = 150 c j number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) 100 150 2 00 2 50 300 350 4 00 110100 initial t = 150 c @ 60 hz 0.0083 s @ 50 hz 0.0100 s at any rated load condition and with rated v applied following surge. rrm j gbpc25.. series pulse train duration (s) peak half sine wave forward current (a) 50 100 150 200 250 300 350 400 0.01 0.1 1 maximum non repetitive surge current initial t = 150 c no voltage reapplied rated v reapplied versus pulse train duration. rrm j gbpc25.. series average forward current (a) maximum allowable case temperature (c) 40 50 60 70 80 90 100 110 120 130 140 150 0 10203040 180 (sine) 180 (rect) gbpc35.. series instantaneous forward voltage (v) instantaneous forward current (a) 1 10 100 1000 0.511.522.53 t = 25 c j gbpc35.. series t = 150 c j
vs-gbpc.. series www.vishay.com vishay semiconductors revision: 08-apr-14 4 document number: 93575 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 8 - total power loss characteristics fig. 9 - maximum non-re petitive surge current fig. 10 - maximum non-re petitive surge current fig. 11 - thermal impedance z thjc characteristic fig. 12 - thermal impedance z thjc characteristic maximum average forward power loss (w) average forward current (a) maximum allowable ambient temperature c 25 50 75 100 1 k/w 0.7 k/w 3 k/w 2 k/w r thsa = 0. 5 k/w - del ta r 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 180 (sine) 180 (rect) gbpc35.. series t = 150 c j peak half sine wave forward current (a) number of equal amplitude half cycle current pulses (n) 100 150 200 250 300 350 400 450 11010 0 gbpc35.. series at any rated load condition and with rated vrrm applied following surge. initial tj = 150 c @ 60 hz 0.0083 s @ 50 hz 0.0100 s peak half sine wave forward current (a) pulse train duration (s) 100 150 200 250 300 350 400 450 500 0.01 0.1 1 maximum non repetitive surge current gbpc35.. series versus pulse train duration. initial tj = 150 c no voltage reapplied rated vrrm reapplied square wave pulse duration (s) transient thermal impedance z thjc (k/w) 0.001 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 gbpc25.. series steady state value r = 1.7 k/w (dc operation) thjc square wave pulse duration (s) transient thermal impedance z thjc (k/w) 0.001 0.01 0.1 1 10 0.001 0.01 0.1 1 10 100 gbpc35.. series steady state value r = 1.4 k/w (dc operation) thjc
vs-gbpc.. series www.vishay.com vishay semiconductors revision: 08-apr-14 5 document number: 93575 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information table circuit configuration links to related documents dimensions www.vishay.com/doc?95331 2 - circuit configuration: 1 - vishay semiconductors product 3 - current rating code 4 - voltage code x 100 = v rrm 5 - diode bridge rectifier: single phase bridge coding 25 = 25 a (average) 35 = 35 a (average) a = standard fast-on terminal w = wire lead device code 1 3 2 4 5 gbpc 35 vs- 12 a ac1 ac2 d1 d2 d3 d4 (+) (-)
document number: 95331 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 04-jul-08 1 gbpc outline dimensions vishay semiconductors dimensions for gbpc...a in millimeters dimensions for gbpc...w in millimeters 6.35 (4 x) 0.8 20 ? 2.4 7.7 28.6 18.1 28.6 14.3 ac1 ? 5.3 16.6 16.6 ac2 32/34 1.0 (4 x) 7.7 28.6 18.1 5.3 28.6 ? 5.3 12.2 11.4 ac1 18.1 ac2
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-GBPC3512W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X